Part Number Hot Search : 
MBRF815 SMG2402 MT100 AN7418S MPSA05 ADE3700X MB90439S RT1P231C
Product Description
Full Text Search
 

To Download RM809024 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 General Purpose Relays
Power Relay RM 8
I I I I I I
2 pole 25 A, 2 CO contacts DC- or AC-coil Mechanical indicator Push-to-test-button Chassis- or DIN-rail mount RoHS compliant (Directive 2002/95/EC) as per product date code 0415
Applications Cleaning equipment, heating and cooling equipment
F0165-A
Approvals
V REG.-Nr.of40003144,types on request Z E214025 Technical data approved
Contact data
Contact configuration Contact set Type of interruption Rated current Rated voltage / max.switching voltage AC Maximum breaking capacity AC Limiting making capacity, max 20 ms Contact material Mechanical endurance Rated frequency of operation with / without load Contact Type RM80 RM80 RM80
RM8
2 CO contacts single contact micro disconnection 25 A 400 VAC 6000 VA 60 A AgCdO 10x106 cycles 16/100 min-1
ratings Load 25 A, 415 VAC, UL 25 A, 250 VAC, cos=1, 35C, VDE 25 A, 240 VAC, 1-phase, per pole, general purpose, UL
Cycles 10x103 10x103 6x103
Coil data
Rated coil voltage range DC coil AC coil Coil power DC coil AC coil Operative range 6...220 VDC 6...400 VAC 1.2 W 2.8 VA 1
Coil versions, DC-coil Coil code Rated Operate Release Coil Rated coil STD LED PD* LED+ voltage voltage voltage resistance power bipolar PD* VDC VDC VDC Ohm W 006 L06 0A6 LA6 6 4.5 0.6 32+10% 1.1 012 L12 0B2 LB2 12 9.0 1.2 110+10% 1.3 + 024 L24 0C4 LC4 24 18.0 2.4 475+10% 1.2 048 L48 0E8 LE8 48 36.0 4.8 2000+10% 1.2 060 L60 0G0 LG0 60 45.0 6.0 2850+10% 1.3 110 M10 1B0 MB0 110 82.5 11.0 10000+12% 1.2 221 N21 2C1 NC1 220 165.0 22.0 40000+15% 1.2 All figures are given for coil without preenergization, at ambient temperature +23C *) Protection diode PD; standard polarity: +A1 / -A2
1
Datasheet Rev. FK1 Issued 2006/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay RM 8 (Continued)
Coil versions, AC-coil 50/60 Hz Coil code Rated STD LED voltage
Operate Release Coil Rated coil voltage voltage resistance power 50/60Hz 50/60Hz 50/60Hz VAC VAC VAC Ohm VA 506 R06 6 4.8 2.4 4.7+10% 2.86/2.36 512 R12 12 9.6 4.8 19.5+10% 2.71/2.27 + 524 R24 24 19.2 9.6 80+10% 2.62/2.00 548 R48 48 38.4 19.2 320+10% 2.60/2.17 560 R60 60 48.0 24.0 500+10% 2.62/2.20 615 S15 115 92.0 46.0 1850+10% 2.65/2.22 + 730 T30 230 184.0 92.0 7500+10% 2.69/2.26 900 V00 400 320.0 160.0 23500+15% 2.61/2.20 All figures are given for coil without preenergization, at ambient temperature +23C
Insulation
Dielectric strength coil-contact circuit open contact circuit adjacent contact circuits Clearance / creepage coil-contact circuit adjacent contact circuits Material group of insulation parts Insulation to IEC 60664-1 Type of insulation coil-contact circuit open contact circuit adjacent contact circuits Rated insulation voltage Pollution degree Rated voltage system Overvoltage category 2500 Vrms 1500 Vrms 4000 Vrms W 4/14.9 mm W 15.3/15.3 mm W IIIa basic functional basic 250 V 3 240/400 V III
Terminal assignment
Bottom view on pins
Other data
RoHS - Directive 2002/95/EC compliant as per product date code 0415 Ambient temperature range DC coil -45...+65C AC coil -45...+40C Operate- / release time 15/15 ms Bounce time NO / NC contact 3 ms Vibration resistance (function) NO / NC contact 10/5 g, 30...150 Hz Category of protection RTI - dust protected Relay weight 81 g Packaging unit 10/25 pcs
S0269-AG
S0269-AD
2
Datasheet Rev. FK1 Issued 2006/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.
General Purpose Relays
Power Relay RM 8 (Continued)
Dimensions
Cover with mounting brackets, 6.3 mm quick connect terminals
Cover with DIN-snap-on attachement horizontal vertical
S0298-BC
S0298-BD
S0298-BE
Product key
RM
8
Type Contact configuration 8 2 CO contacts, 25 A Version 0 AgCdO, without test button 3 AgCdO, with test button Enclosure 5 cover with mounting brackets, 6.3 mm quick connect terminals 8 cover with DIN-snap-on attachment, horizontal, 6.3 mm quick connect terminals 9 cover with DIN-snap-on attachment, vertical, 6.3 mm quick connect terminals Coil Coil code: please refer to coil versions table, preferred types in bold print
Product key RM805024 RM805524 RM805615 RM805730 RM808024 RM808524 RM808730 RM809024 RM809615 RM809730 RM835024 RM835524 RM835615 RM835730 RM838024 RM838524 RM838730 RM839024 RM839524 RM839730
Contacts 2 CO contacts 25 A
Version without test button
Enclosure mounting brackets quick c. 6.3 mm DIN-snap-on horizontal DIN-snap-on vertical
Coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil DC-coil AC-coil
with test button
mounting brackets quick c. 6.3 mm DIN-snap-on horizontal DIN-snap-on vertical
Coil 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 115 VAC 230 VAC 24 VDC 24 VAC 115 VAC 230 VAC 24 VDC 24 VAC 230 VAC 24 VDC 24 VAC 230 VAC
Part number 2-1393844-7 2-1393147-9 3-1393147-1 3-1393147-3 2-1393844-9 3-1393147-7 5-1393149-7 5-1393149-8 3-1393147-8 3-1393147-9 4-1393147-1 4-1393147-3 4-1393147-4 4-1393147-6 4-1393147-8 5-1393147-0 5-1393147-1 5-1393147-4 5-1393147-5 5-1393147-6
3
Datasheet Rev. FK1 Issued 2006/11 www.tycoelectronics.com www.schrackrelays.com Dimensions are in mm unless otherwise specified and are shown for reference purposes only. Product specification according to IEC 61810-1. Product data, technical parameters, test conditions and processing information only to be used together with the 'Definitions' at schrackrelays.com in the `Schrack' section. Specifications subject to change.


▲Up To Search▲   

 
Price & Availability of RM809024

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X